PART |
Description |
Maker |
009176001032006 009176002022006 009176002022106 00 |
SSL - Discrete Wire IDC
|
AVX Corporation
|
609175003010199 609175002010199 069175700401000 06 |
SSL - Discrete Wire IDC
|
AVX Corporation
|
ESJC30 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0551-3 00; Connector Type: Wire; Contact Gender HIGH VOLTAGE SILICON DIODE
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
HI1-0507A2 HI1-0506A5 HI1-0507A5 HI1-0506A2 HI3-05 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 536-0402-5 90; Contact Mating Area Plating: Tin Interface IC 接口IC
|
Intersil, Corp.
|
2SJ211 2SJ211-T2B 2SJ211-L 2SJ211-T1B |
P-CHANNEL MOS FET FOR SWITCHING Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0621-7 00; No. of Positions: 8; Connector Type: Panel
|
NEC[NEC] NEC Corp.
|
2SJ327 2SJ327-Z 2SJ327-Z-T1 2SJ327-Z-E2 2SJ327-Z-T |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0620-4 00; No. of Positions: 6; Connector Type: Panel SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE P-channel enhancement type
|
NEC Corp. NEC[NEC]
|
AR20-HGW-T-R |
IDC-Socket, 20 Pin, Wire Wrap
|
Assmann Electronics Inc...
|
AR08-HGW-T-R |
IDC-Socket, 8 Pin, Wire Wrap,
|
Assmann Electronics Inc.
|
71600-120 71600-160 71600-140 71600-110 71600-126 |
Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias SOCKET IDC W/OUT S/RELIEF 60 WAY SOCKET IDC W/OUT S/RELIEF 40 WAY SOCKET IDC W/OUT S/RELIEF 26 WAY SOCKET IDC W/OUT S/RELIEF 34 WAY SOCKET IDC WITH S/RELIEF 16 WAY SOCKET IDC WITH S/RELIEF 40 WAY SOCKET IDC WITH S/RELIEF 60 WAY 插座IDC公司与S /14未来 插座IDC的瓦/输出的S /26未来 插座IDC的瓦/输出的S /宽道40 插座IDC的瓦/输出的S /60未来 插座IDC的瓦/输出的S /14未来 SOCKET IDC W/OUT S/RELIEF 50 WAY 插座IDC的瓦/输出的S /50未来 PWM Buck Converters with Bypass FET for N-CDMA/W-CDMA Handsets 插座IDC公司与S /0未来 PWM Step-Down DC-DC Converters with 75m Bypass FET for WCDMA and cdmaOne Handsets 插座IDC公司与S /0
|
DC/DC变换 Glenair, Inc.
|
SYC130 NEC256 SHC130 SEC130 SGC130 SRC130 NEC250 S |
LED Displays Optoelectronic From old datasheet system Intel® 82566MC Gigabit Ethernet PHY, Single Port, Pb-Free 2LI, FCBGA, Tray Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0659-0 05; No. of Positions: 18; Connector Type: Wire (degrees C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Inch type screw; MIL-C-24308 C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Locking device with rectangular mating locking base; Through hole C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Field-mounting locking device; PCB locking clip; MIL-C-24308 Optoelectronic 光电
|
IDEA NEC
AME, Inc. Sanken Electric Co., Ltd.
|
DF1-6A1.05 |
2.5mm Pitch Connector for Discrete Wire Connection
|
Hirose Electric
|